Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download 3378088001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pressure and vacuum transmitters internal diaphragm full stainless steel wetted parts sensing ranges from -1?0 bar to 0?4000 bar ex certified to atex 100a 0.5% accuracy class 0.5% accuracy, heavy duty sensor, internal diaphragm 0800 731 3187 www.oem.co.uk part numbers technical specification dimensions range (bar) e110 -1 to 0 016001 -0.6 to 0 015001 -0.4 to 0 014001 -0.25 to 0 013001 -0.16 to 0 012001 -0.1 to 0 011001 0 to 0.1 063001 0 to 0.16 064001 0 to 0.25 065001 0 to 0.4 066001 0 to 0.6 067001 0 to 1 069001 0 to 1.6 070001 0 to 2.5 072001 0 to 4 073001 0 to 6 074001 0 to 10 075001 0 to 16 076001 0 to 25 078001 0 to 40 079001 0 to 60 080001 0 to 100 081001 0 to 160 082001 0 to 250 084001 0 to 400 086001 0 to 600 087001 0 to 1000 088001 0 to 1600 089001 0 to 2500 090001 0 to 4000 091001 type e110 explosion proof eex ia 11c t6 protection type pressure type negative or positive gauge pressure output signal 4?0 ma, 2 wire system accuracy class 0.5% of full scale measuring ranges -1?0 bar, to 0?4000 bar sensor element 16 bar - piezoresistive, 25 bar - thin film repeatability ?.05% of full scale case stainless steel 1.4571 wetted parts stainless steel 1.4541 & 1.4542 thread connection 1600 bar g 1 / 2 b according to din 16288 ( 1 / 2 " bsp) >2500 bar m16 x 1.5 female overload limit 16 bar 3.5 x full scale value 600 bar 2 x full scale value 1000 bar 1.5 x full scale value >1000 bar 1.2 x full scale value 4000 bar 1.1 x full scale value power supply 11?28vdc power consumption signal current load ( ? ) supply - 10v 0.020 a power restriction 1.75w temperature compensation range 0?+60?/t6 influence on zero point 0.2%/10k and measuring range ( 0.4%/10k, for ranges <0.25 bar) adjustability up to ?% with potentiometers response time 1ms (within 10% to 90% of full scale) protection class ip65 en 60529/iec 529 electrical protection reverse polarity, overvoltage and short circuit temperature ranges storage -60?+105? media -20?+60? ambient -20?+60? weight approx (kg) 0.2 af27 75.5 20 3 3 103 g 1 / 2 b ( 1 / 2 " bsp) 48 ? ?7.5 ?7 type e110 all dimensions in mm type e110 please note that items in bold are available from stock other outputs (ma/volts) connection threads absolute pressures 0.25% accuracy flush diaphragm cable output ip 67 options 49


▲Up To Search▲   

 
Price & Availability of 3378088001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X